Part Number Hot Search : 
SC260D LC7530 E006914 HT46C64 KDS11308 KIA78R 25V10 GQM2195
Product Description
Full Text Search
 

To Download SI5935DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI5935DC
New Product
Vishay Siliconix
Dual P-Channel 1.8-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V) rDS(on) (W)
0.086 @ VGS = - 4.5 V - 20 0.121 @ VGS = - 2.5 V 0.171 @ VGS = - 1.8 V
FEATURES
ID (A)
- 4.1 - 3.4 - 2.9
D TrenchFETr Power MOSFETS D Low rDS(on) Dual and Excellent Power Handling In A Compact Footprint
APPLICATIONS
D Load Switch D PA Switch D Battery Switch
S1 S2
1206-8 ChipFETr
1
S1 D1 D1 D2 D2 G1 S2 G2
G1
G2
Marking Code DF XX Lot Traceability and Date Code
Part # Code Bottom View Ordering Information: SI5935DC-T1
D1 P-Channel MOSFET
D2 P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range Soldering Recommendations (Peak Temperature)b, c TA = 25_C TA = 85_C TA = 25_C TA = 85_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
5 secs
Steady State
- 20 "8
Unit
V
- 4.1 - 2.9 - 15 - 1.8 2.1 1.1 - 55 to 150 260
-3 - 2.2 - 0.9 1.1 0.6 W _C A
THERMAL RESISTANCE RATINGS
Parameter
Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) t v 5 sec Steady State Steady State
Symbol
RthJA RthJF
Typical
50 90 30
Maximum
60 110 40
Unit
_C/W C/W
Notes a. Surface Mounted on 1" x 1" FR4 Board. b. See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder interconnection. c. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components. Document Number: 72220 S-31260--Rev. A, 16-Jun-03 www.vishay.com
1
SI5935DC
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta VGS(th) IGSS IDSS ID(on) VDS = VGS, ID = - 250 mA VDS = 0 V, VGS = "8 V VDS = - 16 V, VGS = 0 V VDS = - 16 V, VGS = 0 V, TJ = 85_C VDS p - 5 V, VGS = - 4.5 V VGS = - 4.5 V, ID = - 3 A Drain-Source On-State Resistancea rDS(on) VGS = - 2.5 V, ID = - 2.5 A VGS = - 1.8 V, ID = - 0.6 A Forward Transconductancea Diode Forward Voltagea gfs VSD VDS = - 10 V, ID = - 3 A IS = - 0.9 A, VGS = 0 V - 15 0.069 0.097 0.137 8 - 0.8 - 1.2 0.086 0.121 0.171 S V W - 0.4 1.0 "100 -1 -5 V nA mA A
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd td(on) tr td(off) tf trr IF = - 0.9 A, di/dt = 100 A/ms VDD = - 10 V, RL = 10 W ID ^ - 1 A, VGEN = - 4.5 V, RG = 6 W VDS = - 10 V, VGS = - 4.5 V, ID = - 3 A 5.5 0.91 1.6 18 32 42 26 30 30 50 65 40 60 ns 8.5 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
15 VGS = 5 thru 3 V 12 I D - Drain Current (A) 2.5 V I D - Drain Current (A) 12 15
Transfer Characteristics
TC = - 55_C
25_C 9 125_C 6
9 2V
6
3
1.5 V 1V 0 1 2 3 4 5
3
0 VDS - Drain-to-Source Voltage (V) www.vishay.com
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS - Gate-to-Source Voltage (V) Document Number: 72220 S-31260--Rev. A, 16-Jun-03
2
SI5935DC
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.30 r DS(on) - On-Resistance ( W ) 0.25 VGS = 1.8 V 0.20 0.15 0.10 0.05 Crss 0.00 0 3 6 9 12 15 0 0 4 8 12 16 20 C - Capacitance (pF) 600 Ciss 400 800
Vishay Siliconix
Capacitance
VGS = 2.5 V VGS = 4.5 V
200
Coss
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
5 V GS - Gate-to-Source Voltage (V) VDS = 10 V ID = 3 A 4 1.6
On-Resistance vs. Junction Temperature
VGS = 4.5 V ID = 3 A 1.4
3
r DS(on) - On-Resistance (W) (Normalized) 3 4 5 6 7 8
1.2
2
1.0
1
0.8
0 0 1 2 Qg - Total Gate Charge (nC)
0.6 - 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
20 0.4
On-Resistance vs. Gate-to-Source Voltage
I S - Source Current (A)
10
r DS(on) - On-Resistance ( W )
0.3
TJ = 150_C
ID = 0.6 A 0.2 ID = 3 A 0.1
TJ = 25_C
1 0.0
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 1 2 3 4 5 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Document Number: 72220 S-31260--Rev. A, 16-Jun-03
www.vishay.com
3
SI5935DC
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.4 0.3 V GS(th) Variance (V) ID = 250 mA 0.2 0.1 0.0 - 0.1 - 0.2 - 50 10 Power (W) 30 50
Single Pulse Power
40
20
- 25
0
25
50
75
100
125
150
0 10 -4
10 -3
10 -2
10 -1 Time (sec)
1
10
100
600
TJ - Temperature (_C)
100
Safe Operating Area
IDM Limited
rDS(on) Limited 10 I D - Drain Current (A)
P(t) = 0.0001
1 ID(on) Limited 0.1 TC = 25_C Single Pulse BVDSS Limited 0.01 0.1 1 10
P(t) = 0.001 P(t) = 0.01 P(t) = 0.1 P(t) = 1 P(t) = 10 dc
100
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Notes: PDM t1
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 90_C/W
t1 t2
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
www.vishay.com
4
Document Number: 72220 S-31260--Rev. A, 16-Jun-03
SI5935DC
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1
Vishay Siliconix
1000
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 Square Wave Pulse Duration (sec) 1 10
Document Number: 72220 S-31260--Rev. A, 16-Jun-03
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SI5935DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X